PART |
Description |
Maker |
ADS-951MC ADS-951MM ADS-B951 |
18-Bit, 1MHz, low-power sampling A/D converter
|
Datel
|
ADS-937 ADS-937MC ADS-937MM ADS-883 ADS-937/883 AD |
16-Bit / 1MHz Low-Power Sampling A/D Converters 16-Bit, 1MHz, Low-Power Sampling A/D Converters
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Datel ETC[ETC]
|
MC74LVQ125 MC74LVQ125D MC74LVQ125DT MC74LVQ125M MC |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source/sink 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source/sink 16-HTSSOP -40 to 85 低电压CMOS四路缓冲 LOW-VOLTAGE CMOS QUAD BUFFER
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
5962-8991501UX 5962-8991501XX |
Calibrated, 4-Channel, 12-Bit ADC with Track/Hold and Reference 3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches 积极的固定电压稳压器
|
Nihon Inter Electronics, Corp.
|
LM2902 LM324 CA124 FN796 |
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications(1MHz??矾楂?????绠??澶у?) From old datasheet system
|
Intersil Corporation
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
AS6C8008 |
512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
AD7788ARMZ-REEL AD7789BRMZ |
16-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 Low Power, 16-/24-Bit, Sigma-Delta ADCs
|
Analog Devices, Inc.
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
MAX176007 MAX1760ETB MAX1760HETB MAX1760HEUB |
0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
|
Maxim Integrated Products
|
MAX1760 MAX1760EUB |
" 0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter"
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|